Part Number Hot Search : 
ST485ECN CX11VSM DM106 LMUN5314 AQV234AX G4PC50 TMP86 10N60RU
Product Description
Full Text Search
 

To Download DS2408SR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DS2408
1-Wire 8-Channel Addressable Switch
www.maxim-ic.com
FEATURES
Eight Channels of Programmable I/O with Open-Drain Outputs On-Resistance of PIO Pulldown Transistor 100W (max); Off-Resistance 10MW (typ) Individual Activity Latches Capture Asynchronous State Changes at PIO Inputs for Interrogation by the Bus Master Data-Strobe Output to Synchronize PIO Logic States to External Read/Write Circuitry Built-in Multidrop Controller Ensures Compatibility with Other Dallas Semiconductor 1-Wire(R) Net Products Supports 1-Wire Conditional Search Command with Response Controlled by Programmable PIO Conditions Unique Factory-Lasered 64-Bit Registration Number Ensures Error-Free Device Selection and Absolute Part Identity Communicates to Host with a Single Digital Signal at 15.3kbps or 100kbps using 1-Wire Protocol Operating Range: 2.8V to 5.25V, -40C to +85C
PIN CONFIGURATION
N.C. P0 VCC I/O GND N.C. P7 P6 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 N.C. N.C. P1 P2 P3 P4 RSTZ P5
150-mil SO
ORDERING INFORMATION
PART DS2408S DS2408S /T&R TEMP RANGE -40C to +85C -40C to +85C PACKAGE 16-Pin SO, 150 mil Tape-and-Reel of DS2408S
DESCRIPTION
The DS2408 is an 8-channel, programmable I/O 1-Wire chip. PIO outputs are configured as open-drain and provide an on resistance of 100W max. A robust PIO channel-access communication protocol ensures that PIO output-setting changes occur error-free. A data-valid strobe output can be used to latch PIO logic states into external circuitry such as a D/A converter (DAC) or microcontroller data bus. DS2408 operation is controlled over the single-conductor 1-Wire bus. Device communication follows the standard Dallas Semiconductor 1-Wire protocol. Each DS2408 has its own unalterable and unique 64-bit ROM registration number that is factory lasered into the chip. The registration number guarantees unique identification and is used to address the device in a multidrop 1-Wire net environment. Multiple DS2408 devices can reside on a common 1-Wire bus and can operate independently of each other. The DS2408 also supports 1-Wire conditional search capability based on PIO conditions or power-on-reset activity; the conditions to cause participation in the conditional search are programmable. The DS2408 has an optional VCC supply connection. When an external supply is absent, device power is supplied parasitically from the 1-Wire bus. When an external supply is present, PIO states are maintained in the absence of the 1-Wire bus power source. The RSTZ signal is configurable to serve as either a hard-wired reset for the PIO output or as a strobe for external circuitry to indicate that a PIO write or PIO read has completed.
1-Wire is a registered trademark of Dallas Semiconductor.
1 of 36
061604
DS2408
ABSOLUTE MAXIMUM RATINGS*
P0 to P7, RSTZ, I/O Voltage to GND P0 to P7, RSTZ, I/O combined sink current Operating Temperature Range Junction Temperature Storage Temperature Range Lead Temperature (10s) * -0.5V, +6V 20mA -40C to +85C +150C -55C to +125C See J-STD-020A specification
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
ELECTRICAL CHARACTERISTICS (VCC = 0V or VPUP, TA = -40C or +85C.)
PARAMETER SYMBOL CONDITIONS 1-Wire Pullup Standard speed VPUP Voltage Overdrive speed Standby Supply VCC at VPUP, ICCS Current I/O pin at 0.3V I/O Pin General Data 1-Wire Pullup RPUP (Notes 1, 2) Resistance Input Capacitance CIO (Notes 3, 4) I/O pin at VPUP, Input Load Current IL VCC at 0V High-to-Low VTL (Notes 4, 5, 6) Switching Threshold Input-Low Voltage VIL (Notes 1, 7) Low-to-High VTH (Notes 4, 5, 8) Switching Threshold Switching Hysteresis VHY (Notes 9, 4) Output-Low Voltage VOL (Note 10) at 4mA Standard speed, RPUP = 2.2kW Overdrive speed, RPUP = Recovery Time tREC 2.2kW (Note 1) Overdrive speed, Directly prior to reset pulse; RPUP = 2.2kW Rising-Edge Hold-off Standard speed tREH Time (Notes 11, 4) Overdrive speed Timeslot Duration Standard speed tSLOT (Notes 1, 12) Overdrive speed
MIN 2.8 3.3
TYP
MAX 5.25 5.25 1 2.2 1200 1
UNITS V A kW pF A V V V V V
0.5 0.8 0.16
3.2 0.30 3.4 0.73 0.4
5 2 5 0.5 0.5 65 10 5 2 s s s
2 of 36
DS2408
PARAMETER SYMBOL CONDITIONS I/O Pin, 1-Wire Reset, Presence-Detect Cycle Standard speed, VPUP > 4.5V Reset-Low Time tRSTL (Notes 1, 12) Standard speed Overdrive speed Presence-Detect High Standard speed tPDH Time (Note 12) Overdrive speed Standard speed, VPUP > 4.5V Presence-Detect Fall tFPD Time (Note 13) Standard speed Overdrive speed Standard speed, VPUP > 4.5V Presence-Detect Low tPDL Time (Note 12) Standard speed Overdrive speed Standard speed, VPUP > 4.5V Presence-Detect tMSP Sample Time (Note 1) Standard speed Overdrive speed I/O Pin, 1-Wire Write Write-0 Low Time Standard speed tW0L (Notes 1, 12) Overdrive speed Write-1 Low Time Standard speed tW1L (Notes 1, 12, 14) Overdrive speed Write Sample Time Standard speed tSLS (Slave Sampling) Overdrive speed (Note 12) I/O Pin, 1-Wire Read Read-Low Time Standard speed tRL (Notes 1, 15) Overdrive speed Read-0 Low Time Standard speed tSPD (Data From Slave) Overdrive speed (Note 12) Read-Sample Time Standard speed tMSR (Notes 1, 12, 15) Overdrive speed P0 to P7, RSTZ Pin Input-Low Voltage VIL (Notes 1, 7) VX = max (VPUP,VCC) Input-High Voltage VIH (Note 1) Output-Low Voltage VOL (Note 10) at 4mA Leakage Current ILP 5.25V at the pin Output Fall Time tFPIO (Notes 4, 16) Minimum-Sensed tPWMIN (Notes 4, 17) PIO Pulse
MIN 480 660 53 15 2 1 1 60 60 7 65 68 8 60 8 5 1 15 1.8 5 1 15 1.8 tRL + d tRL + d
TYP
MAX 720 720 80 60 7 5 8 1 240 280 27 75 75 9 120 13 15 - e 1.8 - e 60 8 15 - d 1.8 - d 60 8 15 1.8 0.30
UNITS
s s s
s
s
s s s
s s s V V V A ns s
VX - 0.8
5.25 0.4 1
100 1
5
3 of 36
DS2408
Note 1: Note 2:
Note 3: Note 4: Note 5: Note 6: Note 7: Note 8: Note 9: Note 10: Note 11: Note 12: Note 13: Note 14: Note 15: Note 16: Note 17:
Note 18:
System Requirement Maximum allowable pullup resistance is a function of the number of 1-Wire devices in the system and 1-Wire recovery times. The specified value here applies to systems with only one device and with the minimum 1-Wire recovery times. For more heavily loaded systems, an active pullup such as that found in the DS2480B may be required. If a 2.2kW resistor is used to pull up the data line to VPUP, 5s after power has been applied, the parasite capacitance does not affect normal communications. Guaranteed by design--not production tested. VTL, VTH are a function of the internal supply voltage. Voltage below which, during a falling edge on I/O, a logic '0' is detected. The voltage on I/O needs to be less or equal to VILMAX whenever the master drives the line low. Voltage above which, during a rising edge on I/O, a logic '1' is detected. After VTH is crossed during a rising edge on I/O, the voltage on I/O has to drop by VHY to be detected as logic '0'. The I-V characteristic is linear for voltages less than 1V. The earliest recognition of a negative edge is possible at tREH after VTH has been reached before. Highlighted numbers are NOT in compliance with the published 1-Wire standards. See comparison table below. Interval during the negative edge on I/O at the beginning of a presence detect pulse between the time at which the voltage is 90% of VPUP and the time at which the voltage is 10% of VPUP. e represents the time required for the pullup circuitry to pull the voltage on I/O up from VIL to VTH. d represents the time required for the pullup circuitry to pull the voltage on I/O up from VIL to the input high threshold of the bus master. Interval during the device-generated negative edge on any PIO pin or the RSTZ pin between the time at which the voltage is 90% of VPUP and the time at which the voltage is 10% of VPUP. PIO pullup resistor = 2.2kW. Width of the narrowest pulse which trips the activity latch (for any PIO pin) or causes a reset (for the RSTZ pin). For a pulse duration tPW: If tPW < tPWMIN(min), the pulse will be rejected. If tPWMIN(min) < tPW < tPWMIN(max), the pulse may or may not be rejected. If tPW > tPWMIN(max) the pulse will be recognized and latched. Maximum instantaneous pulldown current through all port pins and the RSTZ pin combined. No requirement for current balance among different pins.
STANDARD VALUES DS2408 VALUES PARAMETER STANDARD OVERDRIVE STANDARD OVERDRIVE NAME SPEED SPEED SPEED SPEED MIN MAX MIN MAX MIN MAX MIN MAX tSLOT (incl. tREC) 61s (undef.) 7s (undef.) 65s 1) (undef.) 10s (undef.) tRSTL 480s (undef.) 48s 80s 660s 720s 53s 80s tPDH 15s 60s 2s 6s 15s 60s 2s 7s tPDL 60s 240s 8s 24s 60s 280s 7s 27s tW0L 60s 120s 6s 16s 60s 120s 8s 13s tSLS, tSPD 15s 60s 2s 6s 15s 60s 1.8s 8s 1) Intentional change, longer recovery-time requirement due to modified 1-Wire front end.
4 of 36
DS2408
PIN DESCRIPTION
PIN 1 2 NAME N.C. P0 DESCRIPTION Not Connected I/O Pin of Channel 0. Logic input/open-drain output with 100W maximum on-resistance; 0V to 5.25V operating range. Power-on default is indeterminate. If it is application-critical for the outputs to power up in the "off" state, the user should attach an appropriate power-on-reset circuit or supervisor IC to the RSTZ pin. Optional Power Supply Input. Range 2.8V to 5.25V; must be tied to GND if not used. 1-Wire Interface. Open-drain, requires external pullup resistor. Ground Not Connected I/O Pin of Channel 7. Same characteristics as P0. I/O Pin of Channel 6. Same characteristics as P0. I/O Pin of Channel 5. Same characteristics as P0. SW configurable PIO reset input ( RST ) or open-drain strobe output ( STRB ). When configured as RST , a LOW input sets all PIO outputs to the "off" state by setting all bits in the PIO Output Latch State Register. When configured as STRB , an output strobe will occur after a PIO write (see Channel-Access Write command) or after a PIO Read (see ChannelAccess Read command). The power-on default function of this pin is RST . I/O pin of channel 4; same characteristics as P0 I/O pin of channel 3; same characteristics as P0 I/O pin of channel 2; same characteristics as P0 I/O pin of channel 1; same characteristics as P0 Not connected Not connected
3 4 5 6 7 8 9
VCC I/O GND N.C. P7 P6 P5
10
RSTZ
11 12 13 14 15 16
P4 P3 P2 P1 N.C. N.C.
APPLICATION
The DS2408 is a multipurpose device. Typical applications include port expander for microcontrollers, remote multichannel sensor/actuator, communication and control unit of a microterminal, or as network interface of a microcontroller. Typical application circuits and communication examples are found later in this data sheet (Figures 17 to 22).
OVERVIEW
Figure 1 shows the relationships between the major function blocks of the DS2408. The device has two main data components: 1) 64-bit lasered ROM, and 2) 64-bit register page of control and status registers. Figure 2 shows the hierarchical structure of the 1-Wire protocol. The bus master must first provide one of the eight ROM function commands: 1) Read ROM, 2) Match ROM, 3) Search ROM, 4) Conditional Search ROM, 5) Skip ROM, 6) Overdrive-Skip ROM, 7) Overdrive-Match ROM, or 8) Resume. Upon completion of an Overdrive ROM command byte executed at standard speed, the device will enter overdrive mode, where all subsequent communication occurs at a higher speed. The protocol required for these ROM function commands is described in Figure 12. After a ROM function command is successfully executed, the control functions become accessible and the master may provide any one of the five available commands. The protocol for these control commands is described in Figure 8. All data is read and written least significant bit first.
5 of 36
DS2408
Figure 1. DS2408 BLOCK DIAGRAM
VCC PARASITE POWER INTERNAL VCC
I/O GND
1-WIRE FUNCTION CONTROL
64-BIT LASERED ROM
REGISTER FUNCTION CONTROL
PORT FUNCTION CONTROL
RSTZ
CRC16 GENERATOR PORT INTERFACE
REGISTER PAGE
P0 P1 P2 P3 P4 P5 P6 P7
Figure 2. HIERARCHICAL STRUCTURE FOR 1-Wire PROTOCOL
Bus Master 1-Wire Net Other Devices
DS2408 Command Level: Available Commands:
Read ROM Match ROM Search ROM Skip ROM Conditional Search ROM Overdrive Match Overdrive Skip Resume Read PIO Registers Channel Access Read Channel Access Write Write Conditional Search Register Reset Activity Latches
Cmd. Data Field Codes: Affected:
33h 55h F0h CCh ECh 69h 3Ch A5h F0h F5h 5Ah CCh C3h 64-BIT ROM, RC-FLAG 64-BIT ROM, RC-FLAG 64-BIT ROM, RC-FLAG RC-FLAG 64-BIT ROM, RC-FLAG, Port Status, Cond. Search Settings, 64-BIT ROM, RC-FLAG, OD-Flag RC-FLAG, OD-Flag RC-FLAG PIO Registers Port Input Latches Port Output Latches Conditional Search Register Activity Latches
1-Wire ROM Function Commands
DS2408-Specific Control Function Commands
6 of 36
DS2408
PARASITE POWER
The DS2408 can derive its power entirely from the 1-Wire bus by storing energy on an internal capacitor during periods of time when the signal line is high. During low times the device continues to operate from this "parasite" power source until the 1-Wire bus returns high to replenish the parasite (capacitor) supply. If power is available, the VCC pin should be connected to the external voltage supply.
Figure 3. 64-BIT LASERED ROM
MSB 8-BIT CRC CODE MSB LSB MSB 48-BIT SERIAL NUMBER LSB LSB 8-BIT FAMILY CODE (29h) MSB LSB
64-BIT LASERED ROM
Each DS2408 contains a unique ROM code that is 64 bits long. The first 8 bits are a 1-Wire family code. The next 48 bits are a unique serial number. The last eight bits are a CRC of the first 56 bits. See Figure 3 for details. The 1-Wire CRC is generated using a polynomial generator consisting of a shift register and XOR gates as shown in Figure 4. The polynomial is X8 + X5 + X4 + 1. Additional information about the Dallas 1-Wire Cyclic Redundancy Check is available in Application Note 27. The shift register bits are initialized to 0. Then, starting with the least significant bit of the family code, one bit at a time is shifted in. After the eighth bit of the family code has been entered, the serial number is entered. After the serial number has been entered, the shift register contains the CRC value. Shifting in the eight bits of CRC returns the shift register to all 0s.
Figure 4. 1-Wire CRC GENERATOR
POLYNOMIAL = X + X + X + 1
8 5 4
1 STAGE
st
2 STAGE
nd
3 STAGE
rd
4 STAGE
th
5 STAGE
th
6 STAGE
th
7 STAGE
th
8 STAGE
th
X
0
X
1
X
2
X
3
X
4
X
5
X
6
X
7
X
8
INPUT DATA
REGISTER ACCESS
The registers needed to operate the DS2408 are organized as a Register Page, as shown in Figure 5. All registers are volatile, i. e., they lose their state when the device is powered down. PIO, Conditional Search, and Control/Status registers are read/written using the device level Read PIO Registers and Write Conditional Search Register commands described in subsequent sections and Figure 8 of this document.
7 of 36
DS2408
Figure 5. DS2408 REGISTER ADDRESS MAP
ADDRESS RANGE 0000h to 0087h 0088h 0089h 008Ah 008Bh 008Ch 008Dh 008Eh to 008Fh ACCESS TYPE R R R R R/W R/W R/W R DESCRIPTION Undefined Data PIO Logic State PIO Output Latch State Register PIO Activity Latch State Register Conditional Search Channel Selection Mask Conditional Search Channel Polarity Selection Control/Status Register These Bytes Always Read FFh
PIO Logic-State Register
The logic state of the PIO pins can be obtained by reading this register using the Read PIO Registers command. Reading this register does not generate a signal at the RSTZ pin, even if it is configured as STRB . See the Channel-Access commands description for details on STRB .
PIO Logic State Register Bitmap
ADDR 0088h b7 P7 b6 P6 b5 P5 b4 P4 b3 P3 b2 P2 b1 P1 b0 P0
This register is read-only. Each bit is associated with the pin of the respective PIO channel as shown in Figure 6. The data in this register is sampled at the last (most significant) bit of the byte that proceeds reading the first (least significant) bit of this register. See the Read PIO Registers command description for details.
PIO Output Latch State Register
The data in this register represents the latest data written to the PIO through the Channel-access Write command. This register is read using the Read PIO Registers command. Reading this register does not generate a signal at the RSTZ pin, even if it is configured as STRB . See the Channel-access commands description for details on STRB . This register is not affected if the device reinitializes itself after an ESD hit.
PIO Output Latch State Register Bitmap
ADDR 0089h b7 PL7 b6 PL6 b5 PL5 b4 PL4 b3 PL3 b2 PL2 b1 PL1 b0 PL0
This register is read-only. Each bit is associated with the output latch of the respective PIO channel as shown in Figure 6. The flip-flops of this register will power up in a random state. If the chip has to power up with all PIO channels off, a LOW pulse must be generated on the RSTZ pin, e.g., by means of an open-drain CPU supervisor chip (see Figure 20). When using an RC circuit to generate the power-on reset, make sure that RSTZ is NOT configured as strobe output (ROS bit in control/status register 008Dh needs to be 0).
8 of 36
DS2408
PIO Activity Latch State Register
The data in this register represents the current state of the PIO activity latches. This register is read using the Read PIO Registers command. Reading this register does not generate a signal at the RSTZ pin, even if it is configured as STRB . See the Channel-access commands description for details on STRB .
PIO Activity Latch State Register Bitmap
ADDR 008Ah b7 AL7 b6 AL6 b5 AL5 b4 AL4 b3 AL3 b2 AL2 b1 AL1 b0 AL0
This register is read-only. Each bit is associated with the activity latch of the respective PIO channel as shown in Figure 6. This register is cleared to 00h by a power-on reset, by a low pulse on the RSTZ pin (only if RSTZ is configured as RST input), or by successful execution of the Reset Activity Latches command.
Figure 6. CHANNEL I/O AND RSTZ SIMPLIFIED LOGIC DIAGRAM
TO PIO LOGIC STATE REGISTER TO ACTIVITY LATCH STATE REGISTER POWER ON RESET CLR ACT LATCH TO PIO OUTPUT LATCH STATE REG. PIO ACTIVITY LATCH "1" Q D
CHANNEL I/O PIN
QR
EDGE DETECTOR
DATA CLOCK
D
S
Q Q
PIO OUTPUT LATCH
RSTZ PIN
PORT FUNCTION CONTROL ROS STRB
9 of 36
DS2408
Conditional Search Channel Selection Mask Register
The data in this register controls whether a PIO channel qualifies for participation in the conditional search command. To include one or more of the PIO channels, the bits in this register that correspond to those channels need to be set to 1. This register can only be written through the Write Conditional Search Registers command.
Conditional Search Channel Selection Mask Register Bitmap
ADDR 008Bh b7 SM7 b6 SM6 b5 SM5 b4 SM4 b3 SM3 b2 SM2 b1 SM1 b0 SM0
This register is read/write. Each bit is associated with the respective PIO channel as shown in Figure 7. This register is cleared to 00h by a power-on reset
Conditional Search Channel Polarity Selection Register
The data in this register specifies the polarity of each selected PIO channel for the device to respond to the conditional search command. Within a PIO channel, the data source may be either the channel's input signal (pin) or the channel's activity latch, as specified by the PLS bit in the Control/Status register at address 008Dh. This register can only be written through the Write Conditional Search Registers command.
Conditional Search Channel Polarity Selection Register Bitmap
ADDR 008Ch b7 SP7 b6 SP6 b5 SP5 b4 SP4 b3 SP3 b2 SP2 b1 SP1 b0 SP0
This register is read/write. Each bit is associated with the respective PIO channel as shown in Figure 7. This register is cleared to 00h by a power-on reset.
Figure 7. Conditional Search Logic
PLS CHANNEL 0 SP0 SM0 CT
AL0 P0
INPUT FROM CHANNELS 1 TO 6 (NOT SHOWN) CHANNEL 7 SP7 SM7
CSR
AL7 P7
10 of 36
DS2408
Control/Status Register
The data in this register reports status information, determines the function of the RSTZ pin and further configures the device for conditional search. This register can only be written through the Write Conditional Search Registers command.
Control/Status Register Bitmap
ADDR 008Dh b7 VCCP b6 0 b5 0 b4 0 b3 PORL b2 ROS b1 CT b0 PLS
This register is read/write. Without VCC supply, this register reads 08h after a power-on reset. The functional assignments of the individual bits are explained in the table below. Bits 4 to 6 have no function; they will always read 0 and cannot be set to 1.
Control/Status Register Details
BIT DESCRIPTION PLS: Pin or Activity Latch Select BIT(S) b0 DEFINITION Selects either the PIO pins or the PIO activity latches as input for the conditional search. 0: pin selected (default) 1: activity latch selected Specifies whether the data of two or more channels needs to be OR'ed or AND'ed to meet the qualifying condition for the device to respond to a conditional search. If only a single channel is selected in the channel selection mask (008Bh) this bit is a don't care. 0: bitwise OR (default) 1: bitwise AND
CT: Conditional Search Logical Term
b1
ROS: RSTZ Pin Mode Control PORL: Power-On Reset Latch VCCP: VCC Power Status (Read-Only)
b2
Configures RSTZ as either RST input or STRB output 0: configured as RST input (default) 1: configured as STRB output Specifies whether the device has performed a power-on reset. This bit can only be cleared to 0 under software control. As long as this bit is 1 the device will always respond to a conditional search. For VCC powered operation the VCC pin needs to be tied to a voltage source VPUP. 0: VCC pin is grounded 1: VCC -powered operation
b3
b7
The interaction of the various signals that determine whether the device responds to a conditional search is illustrated in Figure 7. The selection mask SM selects the participating channels. The polarity selection SP determines for each channel whether the channel signal needs to be 1 or 0 to qualify. The PLS bit determines whether all channel signals are taken from the activity latches or I/O pins. The signals of all channels are fed into an AND gate as well as an OR gate. The CT bit finally selects the AND'ed or OR'ed result as the conditional search response signal CSR. Note on CT bit: OR The qualifying condition is met if the input (pin state or activity latch) for one or more selected channels matches the corresponding polarity. AND For the qualifying condition to be met, the input (pin state or activity latch) for every selected channel must match the corresponding polarity.
11 of 36
DS2408
Figure 8-1. CONTROL FUNCTIONS FLOW CHART
Bus Master TX Control Function Command F0h Read PIO Reg.? Y Bus Master TX TA1 (T7:T0), TA2 (T15:T8) N Address < 90h? Y Address = 88h? N DS2408 sets Register Address = (T15:T0) Bus Master RX Data Byte from Register Address DS2408 Increments Address Counter Y Master TX Reset? N Address < 90h? N Master TX Reset? N Bus Master RX CRC16 of Command, Address, Data Bytes Y Y Y DS2408 Samples PIO Pin Status 1) N From ROM Functions Flow Chart (Figure 12) To Figure 8 nd 2 Part Note: To read the three PIO state and latch register bytes, the target address should be 0088h. Returned data for a target address <0088h is undefined.
Note 1) See the command description for the exact timing of the PIO pin sampling.
Bus Master RX "1"s
N
Master TX Reset? Y To ROM Functions Flow Chart (Figure 12) From Figure 8 nd 2 Part
12 of 36
DS2408
Figure 8-2. CONTROL FUNCTIONS FLOW CHART
From Figure 8 st 1 Part
F5h Channel Access Read? Y
N
5Ah Channel Access Write? Y
N
To Figure 8 rd 3 Part
Note 1) See the command description for the exact timing of the PIO pin sampling and updating.
DS2408 Samples PIO Pin Status PIO Sample Counter = 0
1)
Bus Master TX new PIO Output Data Byte Bus Master TX inverted new PIO Output Data Byte N
Y
Sample Count = 31? N Bus Master RX PIO Pin Status 2)
Transmission OK? Y DS2408 Updates PIO Pin Status
Bus Master RX PIO Pin Status Bus Master RX CRC16 of Command and 32 Bytes of PIO st Pin Status (1 Pass) CRC16 of 32 Bytes of PIO Pin Status (Subsequent Passes) DS2408 Samples PIO Pin Status PIO Sample Counter = 0
2)
1)
2) Bus Master RX Confirmation AAh Bus Master RX "1"s Master TX Reset? 1) DS2408 Samples PIO Pin Status DS2408 Increments PIO Sample Counter 1) DS2408 Samples PIO Pin Status Bus Master RX PIO Pin Status 1) Y N
Note 2) If the RSTZ pin is configured as output, a STRB\ is generated during the first two bits of this byte. To Figure 8 st 1 Part
Master TX Reset? Y
N
N
Master TX Reset? Y
From Figure 8 rd 3 Part
13 of 36
DS2408
Figure 8-3. CONTROL FUNCTIONS FLOW CHART
From Figure 8 nd 2 Part
CCh Write C. Search Reg.? Y
N
C3h Reset Activity Latches? Y DS2408 Clears all PIO Activity Latches
N
Bus Master TX TA1 (T7:T0), TA2 (T15:T8) Note: To read 8Bh to 8Dh use the Read PIO Registers command. N
8Bh Address 8Dh? Y Bus Master TX Data Byte
Master TX Reset? Y
N
Bus Master RX "1"s N
DS2408 Increments Address Counter
Master TX Reset? Y
DS2408 Copies Data to Register
Bus Master RX Confirmation AAh
Master TX Reset? Y
N
N
Master TX Reset? Y
To Figure 8 nd 2 Part
14 of 36
DS2408
CONTROL FUNCTION COMMANDS
Once a ROM function command is completed, the Control Function Commands can be issued. The Control Functions Flow Chart (Figure 8) describes the protocols necessary for accessing the PIO channels and the special function registers of the DS2408. The communication between the master and the DS2408 takes place either at standard speed (default, OD = 0) or at overdrive speed (OD = 1). If not explicitly set into the overdrive mode, the device operates at standard speed.
Read PIO Registers [F0h]
The Read PIO Registers command is used to read any of the device's registers. After issuing the command, the master must provide the 2-byte target address. After these two bytes, the master reads data beginning from the target address and may continue until address 008Fh. If the master continues reading, it will receive an inverted 16-bit CRC of the command, address bytes, and all data bytes read from the initial starting byte through the end of the register page. This CRC16 is the result of clearing the CRC generator and then shifting in the command byte followed by the two address bytes and the data bytes beginning at the first addressed location and continuing through to the last byte of the register page. After the bus master has received the CRC16, the DS2408 responds to any subsequent read-time slots with logical 1's until a 1-Wire Reset command is issued. If this command is issued with target address 0088h (PIO Logic State Register), the PIO sampling takes place during the transmission of the MS bit of TA2. If the target address is lower than 0088h, the sampling takes place while the master reads the MS bit from address 0087h.
Channel-Access Read [F5h]
In contrast to reading the PIO logical state from address 88h, this command reads the status in an endless loop. After 32 bytes of PIO pin status the DS2408 inserts an inverted CRC16 into the data stream, which allows the master to verify whether the data was received error-free. A Channel-Access Read can be terminated at any time with a 1-Wire Reset.
Figure 9. CHANNEL-ACCESS READ TIMING
Example - Sampled State = 72h
MS 2 bits of previous byte (8Dh) IO (1-Wire) STRB\ tSPD tSPD LS 2 bits of data byte (72h)
tSPD Sampling Point
Notes: 1) The "previous byte" could be the command code, the data byte resulting from the previous PIO sample, or the MS byte of a CRC16. The example shows a read-1 time slot. 2) The sample point timing also applies to the Channel-access Write command, with the "previous byte" being the write confirmation byte (AAh). No STRB pulse results when sampling occurs during a Channel-Access Write command.
15 of 36
DS2408
The status of all eight PIO channels is sampled at the same time. The first sampling occurs during the last (most significant) bit of the command code F5h. While the master receives the MSB of the PIO status (i.e., the status of pin P7) the next sampling occurs and so on until the master has received 31 PIO samples. Next, the master receives the inverted CRC16 of the command byte and 32 PIO samples (first pass) or the CRC of 32 PIO samples (subsequent passes). While the last (most significant) bit of the CRC is transmitted the next PIO sampling takes place. The delay between the beginning of the time slot and the sampling point is independent of the bit value being transmitted and the data direction (see Figure 9). If the RSTZ pin is configured as STRB , a strobe signal will be generated during the transmission of the first two (least significant) bits of PIO data. The strobe can signal a FIFO or a microcontroller to apply the next data byte at the PIO for the master to read through the 1-Wire line.
Channel-Access Write [5Ah]
The Channel-Access Write command is the only way to write to the PIO output-latch state register (address 0089h), which controls the open-drain output transistors of the PIO channels. In an endless loop this command first writes new data to the PIO and then reads back the PIO status. The implicit read-afterwrite can be used by the master for status verification or for a fast communication with a microcontroller that is connected to the port pins and RSTZ for synchronization. A Channel-Access Write can be terminated at any time with a 1-Wire Reset.
Figure 10. CHANNEL-ACCESS WRITE TIMING
Case #1 - MS Bit of new PIO state is 0 Example - Old State = 39h, New state = 72h
MS 2 bits of inverted new-state byte (8Dh) IO (1-Wire) 39h 72h tSPD tSLS tSPD LS 2 bits of confirmation byte (AAh)
Case #2 - MS Bit of new PIO state is 1 Example - Old State = 72h, New state = 93h
MS 2 bits of inverted new-state byte (6Ch) VTH LS 2 bits of confirmation byte (AAh)
PIO
72h
93h tSPD tSPD
STRB\
Note: Both examples assume that the RSTZ pin is configured as STRB output. If RSTZ is configured as RST input (default), the RSTZ pin needs to be tied high (to VCC or VPUP) for the Channel-Access Write to function properly. Leaving the pin floating will force the output transistors of the PIO channels to the "off" state and the PIO output latches will all read "1". See Figure 6 for a schematic of the logic. After the command code the master transmits a byte that determines the new state of the PIO output transistors. The first (least significant) bit is associated to P0. To switch the output transistor off (nonconducting) the corresponding bit value is 1. To switch the transistor on that bit needs to be 0. This way the data byte transmitted as the new PIO output state arrives in its true form at the PIO pins. To protect the transmission against data errors, the master has to repeat the new PIO byte in its inverted form. Only if the transmission was successful will the PIO status change. The actual transition at the PIO to the new state occurs during the last (most significant) bit of the inverted new PIO data byte and depends on the polarity of that bit, as shown in Figure 10. If this bit is a 1, the transition begins after tSLS is expired; in case of a 0, the transition begins at the end of the time slot, when the VTH threshold is crossed. To inform the master about the successful change of the PIO status, the DS2408 transmits a confirmation byte with
16 of 36
DS2408
the data pattern AAh. If the RSTZ pin is configured as STRB , a strobe signal will be generated during the transmission of the first two (least significant) bits of the confirmation byte. The strobe can signal a FIFO or a microcontroller to read the new data byte from the PIO. While the last bit of the confirmation byte is transmitted, the DS2408 samples the status of the PIO pins, as shown in Figure 9, and sends it to the master. Depending on the data, the master can either continue writing more data to the PIO or issue a 1Wire reset to end the command.
Write Conditional Search Register [CCh]
This command is used to tell the DS2408 the conditions that need to be met for the device to respond to a Conditional Search command, to define the function of the RSTZ pin and to clear the power-on reset flag. After issuing the command the master sends the 2-byte target address, which must be a value between 008Bh and 008Dh. Next the master sends the byte to be written to the addressed cell. If the address was valid, the byte is immediately written to its location in the register page. The master now can either end the command by issuing a 1-Wire reset or send another byte for the next higher address. Once register address 008Dh has been written, any subsequent data bytes will be ignored. The master has to send a 1Wire reset to end the command. Since the Write Conditional Search Register flow does not include any error-checking for the new register data, it is important to verify correct writing by reading the registers using the Read PIO Registers command.
Reset Activity Latches [C3h]
Each PIO channel includes an activity latch that is set whenever there is a state transition at a PIO pin. This change may be caused by an external event/signal or by writing to the PIO. Depending on the application there may be a need to reset the activity latch after having captured and serviced an external event. Since there is only read access to the PIO Activity Latch State Register, the DS2408 supports a special command to reset the latches. After having received the command code, the device resets all activity latches simultaneously. There are two ways for the master to verify the execution of the Reset Activity Latches command. The easiest way is to start reading from the 1-Wire line right after the command code is transmitted. In this case the master will read AAh bytes until it sends a 1-Wire reset. The other way to verify execution is to read register address 008Ah.
1-WIRE BUS SYSTEM
The 1-Wire bus is a system that has a single bus master and one or more slaves. In all instances the DS2408 is a slave device. The bus master is typically a microcontroller or PC. For small configurations the 1-Wire communication signals can be generated under software control using a single port pin. For multisensor networks, the DS2480B 1-Wire line driver chip or serial port adapters based on this chip (DS9097U series) are recommended. This simplifies the hardware design and frees the microprocessor from responding in real time. The discussion of this bus system is broken down into three topics: hardware configuration, transaction sequence, and 1-Wire signaling (signal types and timing). The 1-Wire protocol defines bus transactions in terms of the bus state during specific time slots that are initiated on the falling edge of sync pulses from the bus master.
HARDWARE CONFIGURATION
The 1-Wire bus has only a single line by definition; it is important that each device on the bus be able to drive it at the appropriate time. To facilitate this, each device attached to the 1-Wire bus must have open drain or tri-state outputs. The 1-Wire port of the DS2408 is open-drain with an internal circuit equivalent to that shown in Figure 11.
17 of 36
DS2408
Figure 11. HARDWARE CONFIGURATION
SIMPLE BUS MASTER VPUP RPUP RX SEE TEXT DS2408 1-Wire PORT
DATA
RX TX
TX OPEN-DRAIN PORT PIN
RX = RECEIVE TX = TRANSMIT 100W MOSFET
DS2480B BUS MASTER +5V HOST CPU SERIAL PORT SERIAL IN SERIAL OUT VDD VPP POL RXD 1-W NC TO 1-Wire DATA
TXD GND DS2480B
A multidrop bus consists of a 1-Wire bus with multiple slaves attached. At standard speed the 1-Wire bus has a maximum data rate of 15.3kbps. Communication speed for 1-Wire devices can be typically boosted to 142kbps by activating the overdrive mode; however, the maximum overdrive data rate for the DS2408 is 100kbps. The value of the pullup resistor primarily depends on the network size and load conditions. For most applications the optimal value of the pullup resistor will be approximately 2.2kW for standard speed and 1.5kW for overdrive speed. The idle state for the 1-Wire bus is high. If for any reason a transaction needs to be suspended, the bus MUST be left in the idle state if the transaction is to resume. If this does not occur and the bus is left low for more than 16s (overdrive speed) or more than 120s (standard speed), one or more devices on the bus may be reset. With the DS2408 the bus must be left low for no longer than 13s at overdrive speed to ensure that none of the slave devices on the 1-Wire bus performs a reset. The DS2408 communicates properly when used in conjunction with a DS2480B 1-Wire driver and serial port adapters that are based on this driver chip. When operating the device in overdrive or below 4.5V, some 1-Wire I/O timing values must be modified (see EC table).
18 of 36
DS2408
TRANSACTION SEQUENCE
The protocol for accessing the DS2408 through the 1-Wire port is as follows: Initialization ROM Function Command Control Function Command Transaction/Data Illustrations of the transaction sequence for the various control function commands are found later in this document.
INITIALIZATION
All transactions on the 1-Wire bus begin with an initialization sequence. The initialization sequence consists of a reset pulse transmitted by the bus master followed by presence pulse(s) transmitted by the slave(s). The presence pulse lets the bus master know that the DS2408 is on the bus and is ready to operate. For more details, see the 1-Wire Signaling section.
ROM FUNCTION COMMANDS
Once the bus master has detected a presence, it can issue one of the seven ROM function commands. All ROM function commands are eight bits long. A list of these commands follows (see the flowchart in Figure 12).
Read ROM [33h]
This command allows the bus master to read the DS2408's 8-bit family code, unique 48-bit serial number, and 8-bit CRC. This command can only be used if there is a single device on the bus. If more than one slave is present on the bus, a data collision will occur when all slaves try to transmit at the same time (open drain will produce a wired-AND result). The resultant family code and 48-bit serial number will result in a mismatch of the CRC.
Match ROM [55h]
The Match ROM command, followed by a 64-bit ROM sequence, allows the bus master to address a specific DS2408 on a multidrop bus. Only the DS2408 that exactly matches the 64-bit ROM sequence will respond to the following control function command. All slaves that do not match the 64-bit ROM sequence will wait for a reset pulse. This command can be used with either single or multiple devices on the bus.
Search ROM [F0h]
When a system is initially brought up, the bus master might not know the number of devices on the 1-Wire bus or their 64-bit ROM codes. The Search ROM command allows the bus master to use a process of elimination to identify the 64-bit ROM codes of all slave devices on the bus. The search ROM process is the repetition of a simple three-step routine: read a bit, read the complement of the bit, then write the desired value of that bit. The bus master performs this simple, three-step routine on each bit of the ROM. After one complete pass, the bus master knows the contents of the ROM in one device. The remaining number of devices and their ROM codes may be identified by additional passes. See Application Note 187 for a detailed discussion on the Search ROM command process including a software example.
Conditional Search [ECh]
The Conditional Search ROM command operates similarly to the Search ROM command except that only devices fulfilling the specified condition will participate in the search. The condition is specified by the Conditional Search channel and polarity selection (addresses 008Bh, 008Ch), the bit functions CT and
19 of 36
DS2408
PLS of the Control/Status Register (address 008Dh), and the state of the PIO channels. See Figure 7 for a description of the Conditional Search logic. The device also responds to the Conditional Search if the PORL bit is set. The Conditional Search ROM provides an efficient means for the bus master to determine devices on a multidrop system that have to signal an important event, such as a state change at a PIO pin caused by an external signal. After each pass of the conditional search that successfully determined the 64-bit ROM for a specific device on the multidrop bus, that particular device can be individually accessed as if a Match ROM had been issued, since all other devices will have dropped out of the search process and will be waiting for a reset pulse.
Skip ROM [CCh]
This command can save time in a single-drop bus system by allowing the bus master to access the control functions without providing the 64-bit ROM code. If more than one slave is present on the bus and a Read command is issued following the Skip ROM command, data collision will occur on the bus as multiple slaves transmit simultaneously (open-drain pulldowns will produce a wired-AND result).
Resume Command [A5h]
In a typical application the DS2408 can be accessed several times to complete a control or adjustment function. In a multidrop environment this means that the 64-bit ROM sequence of a Match ROM command has to be repeated for every access. To maximize the data throughput in a multidrop environment, the Resume Command function is implemented. This function checks the status of the RC flag and, if it is set, directly transfers control to the control functions, similar to a Skip ROM command. The only way to set the RC flag is through successfully executing the Match ROM, Search ROM, Conditional Search ROM, or Overdrive-Match ROM command. Once the RC flag is set, the device can be repeatedly accessed through the Resume Command function. Accessing another device on the bus will clear the RC flag, preventing two or more devices from simultaneously responding to the Resume Command function.
Skip ROM [3Ch]
On a single-drop bus this command can save time by allowing the bus master to access the control functions without providing the 64-bit ROM code. Unlike the normal Skip ROM command, the Overdrive Skip ROM sets the DS2408 in the overdrive mode (OD = 1). All communication following this command has to occur at overdrive speed until a reset pulse of minimum 480s duration resets all devices on the bus to standard speed (OD = 0). When issued on a multidrop bus this command will set all overdrive-supporting devices into overdrive mode. To subsequently address a specific overdrivesupporting device, a reset pulse at overdrive speed has to be issued followed by a Match ROM or Search ROM command sequence. This will speed up the time for the search process. If more than one slave supporting overdrive is present on the bus and the Overdrive Skip ROM command is followed by a Read command, data collision will occur on the bus as multiple slaves transmit simultaneously (open-drain pulldowns will produce a wired-AND result).
Overdrive Match ROM [69h]
The Overdrive Match ROM command followed by a 64-bit ROM sequence transmitted at overdrive speed allows the bus master to address a specific DS2408 on a multidrop bus and to simultaneously set it in overdrive mode. Only the DS2408 that exactly matches the 64-bit ROM sequence will respond to the subsequent control function command. Slaves already in overdrive mode from a previous Overdrive Skip or Match command will remain in overdrive mode. All overdrive-capable slaves will return to standard speed at the next Reset Pulse of minimum 480s duration. The Overdrive Match ROM command can be used with either single or multiple devices on the bus.
20 of 36
DS2408
Figure 12-1. ROM FUNCTIONS FLOW CHART
From Control Functions Flow Chart (Figure 8) Bus Master TX Reset Pulse OD Reset Pulse? Y Bus Master TX ROM Function Command 33h Read ROM Command? Y RC = 0 N DS2408 TX Presence Pulse 55h Match ROM Command? Y RC = 0 N F0h Search ROM Command? Y RC = 0 N N To Figure 12 nd 2 Part N N From Figure 12, 2
nd
Part
OD = 0
ECh Cond. Search Command? Y RC = 0
Condition Met? Y
DS2408 TX Family Code (1 Byte)
Master TX Bit 0 N Y N
DS2408 TX Bit 0 DS2408 TX Bit 0 Master TX Bit 0 Bit 0 Match? Y DS2408 TX Bit 1 DS2408 TX Bit 1 Master TX Bit 1 N N Bit 1 Match? Y DS2408 TX Bit 63 DS2408 TX Bit 63 Master TX Bit 63 N N Bit 63 Match? Y RC = 1 N N N
DS2408 TX Bit 0 DS2408 TX Bit 0 Master TX Bit 0 Bit 0 Match? Y DS2408 TX Bit 1 DS2408 TX Bit 1 Master TX Bit 1 Bit 1 Match? Y DS2408 TX Bit 63 DS2408 TX Bit 63 Master TX Bit 63 Bit 63 Match? Y RC = 1 To Figure 12 nd 2 Part From Figure 12 nd 2 Part
Bit 0 Match? DS2408 TX Serial Number (6 Bytes)
Master TX Bit 1
Bit 1 Match? Y DS2408 TX CRC Byte Master TX Bit 63
Bit 63 Match? Y RC = 1
To Control Functions Flow Chart (Figure 8)
21 of 36
DS2408
Figure 12-2. ROM FUNCTIONS FLOW CHART
To Figure 12, 1st Part
From Figure 12 1st Part
CCh Skip ROM Command? Y N
A5h Resume Command?
N
3Ch Overdrive Skip ROM?
N
69h N Overdrive Match ROM?
Y
Y
Y
RC = 0
RC = 0 ; OD = 1
RC = 0 ; OD = 1
RC = 1 ?
Y
N
Master TX Bit 0
Y
Master TX Reset ? N
Bit 0 Match?
Y
N
Master TX Bit 1
N Y
Master TX Reset ? N
Y
Bit 1 Match?
Master TX Bit 63
Bit 63 Match?
Y
N
From Figure 12 1st Part
RC = 1
To Figure 12 1st Part
22 of 36
DS2408
1-WIRE SIGNALING
The DS2408 requires strict protocols to ensure data integrity. The protocol consists of four types of signaling on one line: Reset Sequence with Reset Pulse and Presence Pulse, Write-Zero, Write-One, and Read-Data. Except for the presence pulse, the bus master initiates all these signals. The DS2408 can communicate at two different speeds, standard speed, and overdrive speed. If not explicitly set into the overdrive mode, the DS2408 will communicate at standard speed. While in overdrive mode, the fast timing applies to all waveforms. To get from idle to active, the voltage on the 1-Wire line needs to fall from VPUP below the VTL threshold. To get from active to idle, the voltage needs to rise from VILMAX past the VTH threshold. The VILMAX voltage is relevant for the DS2408 when determining a logical level, not triggering any events. Figure 13 shows the initialization sequence required to begin any communication with the DS2408. A Reset Pulse followed by a Presence Pulse indicates the DS2408 is ready to receive data, given the correct ROM and control function command. If the bus master uses slew-rate control on the falling edge, it must pull down the line for tRSTL + tF to compensate for the edge. A tRSTL duration of 480s or longer will exit the overdrive mode returning the device to standard speed. If the DS2408 is in overdrive mode and tRSTL is no longer than 80s the device will remain in overdrive mode.
Figure 13. INITIALIZATION PROCEDURE "RESET AND PRESENCE PULSES"
MASTER TX "RESET PULSE" MASTER RX "PRESENCE PULSE" VPUP VIHMASTER VTH VTL VILMAX 0V e tMSP
tF
tRSTL
tPDH MASTER
tPDL tRSTH
tREC DS2408
RESISTOR
After the bus master has released the line it goes into receive mode (RX). The 1-Wire bus is then pulled to VPUP via the pullup resistor or, in case of a DS2480B driver, by active circuitry. When the VTH threshold is crossed, the DS2408 waits for tPDH and then transmits a Presence Pulse by pulling the line low for tPDL. To detect a presence pulse, the master must test the logical state of the 1-Wire line at tMSP. The tRSTH window must be at least the sum of tPDHMAX, tPDLMAX, and tRECMIN. Immediately after tRSTH is expired, the DS2408 is ready for data communication. In a mixed population network, tRSTH should be extended to a minimum of 480s at standard speed and 48s at overdrive speed to accommodate other 1Wire devices.
23 of 36
DS2408
Read/Write Time Slots
Data communication with the DS2408 takes place in time slots, which carry a single bit each. Write time slots transport data from bus master to slave. Read time slots transfer data from slave to master. The definitions of the write and read time slots are illustrated in Figure 14. All communication begins with the master pulling the data line low. As the voltage on the 1-Wire line falls below the threshold VTL, the DS2408 starts its internal time base. The tolerance of the slave time base creates a slave-sampling window, which stretches from tSLSMIN to tSLSMAX. The voltage on the data line at the sampling point determines whether the DS2408 decodes the time slot as 1 or 0.
Master-to-Slave
For a write-one time slot, the voltage on the data line must have crossed the VTHMAX threshold after the write-one low time tW1LMAX has expired. For a write-zero time slot, the voltage on the data line must stay below the VTHMIN threshold until the write-zero low time tW0LMIN has expired. For most reliable communication, the voltage on the data line should not exceed VILMAX during the entire tW0L window. After the VTHMAX threshold has been crossed, the DS2408 needs a recovery time tREC before it is ready for the next time slot.
Figure 14. READ/WRITE TIMING DIAGRAM
Write-One Time Slot
VIHMASTER VTH VTL VPUP tW1L DS2408 Sampling Window tF e tSLSMIN tSLSMAX tSLOT
VILMAX 0V
Write-Zero Time Slot
VPUP VIHMASTER VTH VTL VILMAX 0V tF tSLSMIN tSLSMAX tW0L DS2408 Sampling Window tREC tSLOT
24 of 36
DS2408
Read-Data Time Slot
VPUP VIHMASTER VTH VILMAX 0V VTL tRL tMSR Master Sampling Window tF
d
tREC tSPDMIN tSPDMAX MASTER
tSLOT DS2408
RESISTOR
Slave-to-Master
A read-data time slot begins like a write-one time slot. The voltage on the data line must remain below VTLMIN until the read low time tRL has expired. During the tRL window, when responding with a 0, the DS2408 starts pulling the data line low; its internal timing generator determines when this pulldown ends and the voltage starts rising again. When responding with a 1, the DS2408 does not hold the data line low at all, and the voltage starts rising as soon as tRL is over. The sum of tRL + d (rise time) on one side and the internal timing generator of the DS2408 on the other side define the master sampling window (tMSRMIN to tMSRMAX) in which the master must perform a read from the data line. For most reliable communication, tRL should be as short as permissible and the master should read close to but no later than tMSRMAX. After reading from the data line, the master must wait until tSLOT is expired. This guarantees sufficient recovery time tREC for the DS2408 to get ready for the next time slot.
Improved Network Behavior
In a 1-Wire environment, line termination is possible only during transients controlled by the bus master (1-Wire driver). 1-Wire networks therefore are susceptible to noise of various origins. Depending on the physical size and topology of the network, reflections from end points and branch points can add up or cancel each other to some extent. Such reflections are visible as glitches or ringing on the 1-Wire communication line. Noise coupled onto the 1-Wire line from external sources can also result in signal glitching. A glitch during the rising edge of a time slot can cause a slave device to lose synchronization with the master and, as a consequence, result in a Search ROM command coming to a dead end or cause a device level command to abort. For better performance in network applications, the DS2408 uses a new 1-Wire front end, which makes it less sensitive to noise and also reduces the magnitude of noise injected by the slave device itself. The 1-Wire front end of the DS2408 differs from traditional slave devices in four characteristics. 1) The falling edge of the presence pulse has a controlled slew rate. This provides a better match to the line impedance than a digitally switched transistor, converting the high-frequency ringing known from traditional devices into a smoother low-bandwidth transition. The slew rate control is specified by the parameter tFPD, which has different values for standard and overdrive speed. 2) There is additional lowpass filtering in the circuit that detects the falling edge at the beginning of a time slot. This reduces the sensitivity to high-frequency noise. This additional filtering does not apply at overdrive speed.
25 of 36
DS2408
3) The input buffer was designed with hysteresis. If a negative glitch crosses VTH but doesn't go below VTH - VHY, it will not be recognized (Figure 15, Case A). The hysteresis is effective at any 1-Wire speed. 4) There is a time window specified by the rising edge hold-off time tREH during which glitches will be ignored, even if they extend below the VTH - VHY threshold (Figure 15, Case B, tGL < tREH). Deep voltage droops or glitches that appear late after crossing the VTH threshold and extend beyond the tREH window cannot be filtered out and will be taken as the beginning of a new time slot (Figure 15, Case C, tGL tREH).
Figure 15. NOISE SUPPRESSION SCHEME
VPUP VTH VHY Case A 0V Case B tGL Case C tGL tREH tREH
CRC GENERATION
The DS2408 has two different types of cyclic redundancy checks (CRCs). One CRC is an 8-bit type and is stored in the most significant byte of the 64-bit ROM. The bus master can compute a CRC value from the first 56 bits of the 64-bit ROM and compare it to the value stored within the DS2408 to determine if the ROM data has been received error free. The equivalent polynomial function of this CRC is X8 + X5 + X4 + 1. This 8-bit CRC is received in the true (noninverted) form. It is computed at the factory and lasered into the ROM. The other CRC is a 16-bit type, generated according to the standardized CRC16-polynomial function X16 + X15 + X2 + 1. This CRC is used for error detection when reading data through the end of the register page using the Read PIO Registers command, for fast verification of the data transfer when writing to or reading from the scratchpad, and when reading from the PIO using the Channel-access Read command. In contrast to the 8-bit CRC, the 16-bit CRC is always communicated in the inverted form. A CRCgenerator inside the DS2408 chip (Figure 16) calculates a new 16-bit CRC as shown in the command flow chart of Figure 8. The bus master compares the CRC value read from the device to the one it calculates from the data and decides whether to continue with an operation or to reread the portion of the data with the CRC error. With the Read PIO Registers flow chart, the 16-bit CRC value is the result of shifting the command byte into the cleared CRC generator, followed by the 2 address bytes and the data bytes beginning at the target address and ending with the last byte of the register page, address 008Fh. With the initial pass through the Channel-access Read command flow, the CRC is generated by first clearing the CRC generator and then shifting in the command code followed by 32 bytes of PIO pin data. Subsequent passes through the command flow will generate a 16-bit CRC that is the result of clearing the CRC generator and then shifting in 32 bytes read from the PIO pins. For more information on generating CRC values see Application Note 27.
26 of 36
DS2408
Figure 16. CRC-16 HARDWARE DESCRIPTION AND POLYNOMIAL
POLYNOMIAL = X
1 STAGE
st
16
+X
15
+X +1
6 STAGE
th
2
2 STAGE
nd
3 STAGE
rd
4 STAGE
th
5 STAGE
th
7 STAGE
th
8 STAGE
th
X
0
X
1
X
2
X
3
X
4
X
5
X
6
X
7
9 STAGE
th
10 STAGE
th
11 STAGE
10
th
12 STAGE
th
13 STAGE
th
14 STAGE
th
15 STAGE
14
th
16 STAGE
th
X
8
X
9
X
X
11
X
12
X
13
X
X
15
X
16
INPUT DATA
CRC OUTPUT
Figure 17. DS2408 AS SLAVE INTERFACE FOR MICROCONTROLLER
PULLUP PROVIDED BY CPU
47U
VCC
VCC GND 1W
3
VCC
4 5
IO GND
P0 P1 P2 P3 P4 P5 P6 P7 RSTZ
2 14 13 12 11 9 8 7 10
3 4 5 6 7 8 9 10 12 42 15 16 17 18 19 20 21 22 23 24
P1.0 P1.1 P1.2 P1.3 P1.4 P1.5 P1.6 P1.7 RST EA P3.0/RXD0 P3.1/TXD0 P3 .2 / INT0 P3 .3 / INT1 P3.4/T0 P3.5/T1 P3 .6 / WR P3 .7 / RD XTAL2 XTAL1
P0.0/AD0 P0.1/AD1 P0.2/AD2 P0.3/AD3 P0.4/AD4 P0.5/AD5 P0.6/AD6 P0.7/AD7 ALE PSEN P2.0/AD8 P2.1/AD9 P2.2/AD10 P2.3/AD11 P2.4/AD12 P2.5/AD13 P2.6/AD14 P2.7/AD15
50 49 48 47 46 45 44 43 39 38 30 31 32 33 34 35 36 37
DS2408
RTCX1 RTCX2
28 27
DS80C520
8051 Equiv CPU
The data direction (upload/download) is determined by application-specific data protocol.
27 of 36
DS2408
Figure 18. DS2408 AS SLAVE INTERFACE FOR INTELLIGENT DISPLAY
1 2 3 6 5 4
Local iButton Probe 47
DS9503 47U
VCC 1 2 3 4 5 6 3 VCC P0 P1 P2 P3 P4 P5 P6 P7 RSTZ 2 14 13 12 11 9 8 7 10 7 8 9 10 11 12 13 14 15 16
LCD Display
GND VCC CONTRAST
5VDC GND 1W
VCC
4 5
IO GND
D0 D1 D2 D3 D4 D5 D6 D7 LEDA LEDK
DS2408
VCC 1 2 3 4 5 6 7 8 9 10
10K Down
Select
Figure 19. DS2408 AS MICROCONTROLLER PORT EXPANDER
VCC
DS2408
3 VCC P0 P1 P2 P3 P4 P5 P6 P7 RSTZ 2 14 13 12 11 9 8 7 10
VC C
4
IO GND
VCC
2.2K
MICROCONTROLLER WITH FEW I/O PINS
5
VCC
DS2408
3 VCC P0 P1 P2 P3 P4 P5 P6 P7 RSTZ 2 14 13 12 11 9 8 7 10
1 2 3 4
VCC OSC1/P5 OSC2/P4 CLR/P3
GND P0 P1 P2/CK
8 7 6 5
PIC12C508
4 5
IO GND
24 I/O LINES OR 3 BYTE-WIDE BUSES FROM A SINGLE PIN
VCC
DS2408
3 VCC P0 P1 P2 P3 P4 P5 P6 P7 RSTZ 2 14 13 12 11 9 8 7 10
4 5
IO GND
28 of 36
ACM1601B 16X1 Display with Back Light Up
VCC
D/ C R/ W S TB
DS2408
Figure 20. DS2408 AS C-OPERATED KEYBOARD SCANNER
10kW 10U
1 2 3 4 5 6 7 8 9 10
VCC
VCC GND 1W
3
VCC
4 5
IO GND
P0 P1 P2 P3 P4 P5 P6 P7 RSTZ
2 14 13 12 11 9 8 7 10
DS2408
VCC
POR Circuit
VCC RST GND
DS1811
The DS1811 has an internal pull-up resistor of 5.5 kW
To More Switch Rows (Up to 4 x 4, 3 x 5 or 2 x 6)
Figure 21. DS2408 AS PARASITE-POWERED PUSH-BUTTON SENSOR
VCC
0.1U
Parasite Power
BAT54
3
VCC
1W GND 4 5 IO GND
P0 P1 P2 P3 P4 P5 P6 P7 RSTZ
2 14 13 12 11 9 8 7 10
DS2408
1 2 3 4 5 6 7 8 9 10
100k
SWITCHES OR PUSH-BUTTONS
29 of 36
DS2408
Figure 22. DS2408 AS MULTIPURPOSE SENSOR/ACTUATOR
10kW 47U
1 2 3 4 5 6 7 8 9 10
VCC VCC 1W GND
SWITCHES OR PUSHBUTTONS
3 VCC P0 P1 P2 P3 P4 P5 P6 P7 RSTZ 2 14 13 12 11 9 8 7 10 VCC 1 5 2
VCC
4 5
IO GND
4mA
1kW OPTOISO
DS2408
6
ISOLATED OUTPUT
BSS-84
4
1N4004 5V
DRY CONTACT
VCC
LED 470W 8mA
LED INDICATOR
30 of 36
DS2408
Command-Specific 1-Wire Communication Protocol--Legend
SYMBOL DESCRIPTION
RST PD Select RPR CAR CAW WCS RAL TA CRC16\ FF loop AA loop <32 samples>, CRC16\ loop , AAh, ,
1-Wire Reset Pulse generated by master. 1-Wire Presence Pulse generated by slave. Command and data to satisfy the ROM function protocol. Command "Read PIO Registers". Command "Channel-Access Read". Command "Channel-Access Write". Command "Write Conditional Search Register". Command "Reset Activity Latches". Target Address TA1, TA2. Transfer of an undetermined amount of data. Transfer of an inverted CRC16. Indefinite loop where the master reads FF bytes. Indefinite loop where the master reads AA bytes. Indefinite loop where the master reads 32 PIO samples followed by an inverted CRC16. Transfer of 2 bytes, where the second byte is the bit-inverse of the first byte. The first byte will be taken as the new PIO state. Transfer of 2 bytes, where the first byte is a constant (AAh) and the second byte is the current PIO state. Transfer of 2 bytes, where the second byte is NOT the bit-inverse of the first byte.
Command-Specific 1-Wire Communication Protocol--Color Codes
Master to slave Slave to master
Read PIO Registers (Success)
RST PD Select RPR TA CRC16\ FF loop
Read PIO Registers (Fail Address)
RST PD Select RPR TA FF loop
Channel-Access Read (Cannot Fail)
RST PD Select CAR <32 samples>, CRC16\ loop
31 of 36
DS2408
Channel-Access Write (Success)
RST PD Select CAW , AAh, Loop FF loop
Channel-Access Write (Fail New State)
RST PD Select CAW ,
Write Conditional Search Register (Success)
RST PD Select WCS TA FF loop
Write Conditional Search Register (Fail Address)
RST PD Select WCS TA FF loop
Reset Activity Latches (Cannot Fail)
RST PD Select RAL AA loop
COMMUNICATION EXAMPLES
The examples in this section demonstrate the use of ROM and control functions in typical situations. The first two examples are related to Figure 17. They show how to write to the PIO with readback for verification or for receiving an immediate response (example 1) and how to read from the PIO in an endless loop (example 2). The third example assumes a network of multiple DS2408s where each of the devices is connected to 8 pushbuttons, as in Figure 21.
Example 1
Task: Write to the PIO with readback for verification or for receiving an immediate response. This task is broken into the following steps: 1) Configure RSTZ as STRB output. 2) Verify configuration setting. 3) Write to the PIO and read back the response. With only a single DS2408 connected to the bus master, the communication is as follows:
MASTER MODE Step 1 TX RX TX TX DATA (LSB FIRST) (Reset) (Presence) CCh CCh COMMENTS
TX TX TX
8Dh 00h 04h
Reset pulse Presence pulse Issue Skip ROM command Issue Write Conditional Search Register command TA1, target address = 8Dh TA2, target address = 008Dh Write byte to Control/Status Register
32 of 36
DS2408
MASTER MODE TX RX Step 2 TX TX TX TX RX TX RX Step 3 TX TX TX TX (--) DATA (LSB FIRST) (Reset) (Presence) CCh F0h 8Dh 00h 84h (Reset) (Presence) CCh 5Ah (--) COMMENTS
RX (--) RX TX TX RX RX (--) TX RX
AAh (--) AAh (--) (Reset) (Presence)
Reset pulse Presence pulse Issue Skip ROM command Issue Read PIO Registers command TA1, target address = 8Dh TA2, target address = 008Dh Read Control/Status Register and verify Reset pulse Presence pulse Issue Skip ROM command Issue Channel-access Write command Write byte to PIO Write inverted byte to PIO DS2408 updates PIO status if transmission was OK Read for verification (AAh = success) DS2408 samples PIO pin status Read PIO pin status Write byte to PIO (next byte) Write inverted byte to PIO (next byte) Read for verification (AAh = success) Read PIO pin status Repeat the previous 4 steps with more PIO output data as needed in the application. Reset pulse Presence pulse
When using this communication example to send data to a remote microcontroller, as in Figure 17, synchronization between the master and the remote microcontroller can be maintained by transmitting data packets that begin with a length byte and end with a CRC16. See Application Note 114, section "UNIVERSAL DATA PACKET" for details.
Example 2
Task: Read from the PIO in an endless loop. This task is broken into the following steps: 1) Configure RSTZ as STRB output. 2) Verify configuration setting. 3) Read from the PIO. With only a single DS2408 connected to the bus master, the communication is as follows:
MASTER MODE Step 1 TX RX TX DATA (LSB FIRST) (Reset) (Presence) CCh COMMENTS Reset pulse Presence pulse Issue Skip ROM command Issue Write Conditional Search Register command TA1, target address = 8Dh TA2, target address = 008Dh
TX TX TX
CCh 8Dh 00h
33 of 36
MASTER MODE TX TX RX Step 2 TX TX TX TX RX TX RX Step 3 TX TX
DATA (LSB FIRST) 04h (Reset) (Presence) CCh F0h 8Dh 00h 84h (Reset) (Presence) CCh F5h
DS2408 COMMENTS Write byte to Control/Status Register Reset pulse Presence pulse Issue Skip ROM command Issue Read PIO Registers command TA1, target address = 8Dh TA2, target address = 008Dh Read Control/Status Register and verify Reset pulse Presence pulse Issue Skip ROM command Issue Channel-access Read command
(--) RX (--) RX
(--) (--) <2 bytes CRC16>
DS2408 samples PIO pin status Read PIO pin status Repeat the previous 2 steps until the master has received a total of 32 bytes of PIO pin status Read CRC16
(--) TX RX
(--) (Reset) (Presence)
PIO pin status and CRC loop can be continued as long as the application requires. Reset pulse Presence pulse
When using this communication example to read data from a remote microcontroller, as in Figure 17, synchronization between the remote microcontroller and the master can be maintained by transmitting data packets that begin with a length byte and end with a CRC16. See Application Note 114, section "UNIVERSAL DATA PACKET" for details.
Example 3
Task: Detect the specific DS2408 where the button was pressed and identify the pin to which the pushbutton is connected. This task is broken into the following steps: 1) Configure the conditional search and verify configuration setting. 2) Switch off all channel output transistors. 3) Clear the activity latches. 4) Search until a pushbutton is pressed. 5) Identify device and pushbutton; reset activity latches. The device has to respond to the conditional search if the activity latch of at least one of the 8 channels is set. This requires the following setup data for the conditional search registers: Channel Selection Mask, select all channels FFh Channel Polarity Selection, select logic 1 for all channels FFh
34 of 36
DS2408
Control/Status register, Source is Activity Latch PLS = 1 Term is OR CT = 0 RSTZ = inactive (input) ROS = 0 Clear Power-On Reset Latch PORL = 0 The resulting setup data for the Control/Status Register is 01h. For each DS2408 in the application, perform the following initialization:
MASTER MODE Step 1 TX RX TX TX DATA (LSB FIRST) (Reset) (Presence) 55h <8 byte ROM ID> COMMENTS
TX TX TX TX TX TX TX RX TX TX TX TX RX TX RX TX TX TX TX (--) RX RX TX RX TX TX RX TX RX
CCh 8Bh 00h FFh FFh 01h (Reset) (Presence) A5h F0h 8Bh 00h (Reset) (Presence) A5h 5Ah FFh 00h (--) AAh FFh (Reset) (Presence) A5h C3 AAh (Reset) (Presence)
Step 2
Step 3
Reset pulse Presence pulse Issue Match ROM command Send ROM ID of the device to be accessed Issue Write Conditional Search Register command TA1, target address = 8Bh TA2, target address = 008Bh Write Channel Selection Mask Write Channel Polarity Selection Write Control/Status Register Reset pulse Presence pulse Issue Resume command Issue Read PIO Registers command TA1, target address = 8Bh TA2, target address = 008Bh Read Registers and verify Reset pulse Presence pulse Issue Resume command Issue Channel-access Write command Write byte to PIO Write inverted byte to PIO DS2408 switches off all channel output transistors if transmission was OK Read for verification (AAh = success) Read PIO pin status and verify; FFh = OK Reset pulse Presence pulse Issue Resume command Issue Reset Activity Latch command Read for verification (AAh = success) Reset pulse Presence pulse
35 of 36
DS2408
After all DS2408s are initialized, perform the search process below as an endless loop:
MASTER MODE Step 4 TX RX TX DATA (LSB FIRST) (Reset) (Presence) ECh COMMENTS
RX
<2 bits>
Step 5
TX RX TX
<1 bits> <2 bits> <1 bits>
(--) TX TX TX RX RX TX RX TX TX RX (--)
(--) F0h 88h 00h <8 data bytes> <2 bytes CRC16> (Reset) (Presence) A5h C3 AAh (--)
Reset pulse Presence pulse Issue Conditional Search ROM command Read 2 bits; if both bits are 1, no push button has been pressed; in this case return to Step 4. If the bit pattern is 01 or 10 or 00, a push button has been pressed; in this case continue with Step 5. Identify and select the LS bit of the ROM ID of the DS2408 that has responded to the Conditional Search. Read 2 bits; this relates to the next bit of the ROM ID of the participating device(s). Identify and select the next bit of the ROM ID of the DS2408 that has responded to the Conditional Search. Repeat the previous 2 steps until one device has been identified and accessed. (see Note 1) Issue Read PIO Registers command TA1, target address = 88h TA2, target address = 0000h Read register page; the data in the Activity Latch State Register tells which button has been pressed. Read CRC16 and verify correct data transmission. Reset pulse Presence pulse Issue Resume command Issue Reset Activity Latch command Read for verification (AAh = success) Now, as the device and push button are identified and the Activity Latch is cleared, continue at Step 4.
Note 1: For a full description of the Search Algorithm see Application Note 187.
36 of 36


▲Up To Search▲   

 
Price & Availability of DS2408SR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X